PART |
Description |
Maker |
BCM1255 BCM1480 BCM1455 BCM1280 |
DUAL-CORE 64-BIT MIPS PROCESSOR Dual-Core 64-bit MIPS® Processor
|
Broadcom Corp. BOARDCOM[Broadcom Corporation.]
|
PIC17C42A-16/PQ PIC17C44T-16/L PIC17C44T-16/PQ PIC |
A newer device is available. Please consider PIC18F4220. This powerful 8.25 MIPS (121 nanosecond instruction execution) yet ... A newer device is available. Please consider PIC18F4220. This powerful 8.25 MIPS (121 nanosecond instruction execution) ... A newer device is available. Please consider PIC18F442. This powerful 8.25 MIPS (121 nanosecond instruction execution) yet ... High-Performance 8 Bit CMOS EPROM Microcontroller
|
Microchip Technology
|
BCM1480 |
Quad-Core 64-bit MIPS® Processor with SPI-4/HT
|
Broadcom
|
ADSP-2185LBCA-210 |
16-bit 52 MIPS 3.3v 2 serial ports host port 80 KB RAM
|
Analog Devices
|
C8051F043 |
25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F311 C8051F311-GM |
25 MIPS, 16 KB FLASH, 10-BIT ADC, 28-PIN MIXED-SIGNAL MCU
|
Silicon Laboratories
|
C8051F023 |
25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
DSP56F803E 56F80307 DSP56F803BU80 |
Up to 40 MIPS at 80MHz core frequency 16-bit Digital Signal Controllers
|
Freescale Semiconductor, Inc
|
C8051F017 |
25 MIPS, 32 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
|
Silicon Laboratories
|
C8051F206 C8051F206-GQ |
25 MIPS, 8 kB Flash, 12-Bit ADC, 48-Pin Mixed-Signal MCU
|
Silicon Laboratories
|
C8051F002 |
20 MIPS, 32 kB Flash, 12-Bit ADC, 32-Pin Mixed-Signal MCU
|
Silicon Laboratories
|